Part Number Hot Search : 
H4P041XC H332M R48S018 SP3219 HB100 0200CT AX451 H332M
Product Description
Full Text Search
 

To Download STR20005 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 STR20000 Series
Switching Type
Features
q q q q q Requires only 4 external components Small size and high efficiency Low switching noise Variable output voltage Use of Sanken semiconductors components ensures high reliability
Chopper * Self Oscillation Type
Applications
q For power supplies in office equipment such as electronic typewriters, printers and copiers q For power supplies in VCRs, personal CB radios (fixed stations), etc.
External View
s Absolute Maximum Ratings (Ta=25C)
Parameter DC Input Voltage DC Output Current Power Dissipation Operating Temperature Storage Temperature Thermal Resistance (junction-to-case) Symbol VIN IO PD Top Tstg Rth(j-c) Ratings STR20005 45 2.0 (pulse 3.0) 55 (TC=25C) 13 (TC=100C) -20 to +100 -20 to +125 1.8 V A W C C C/W Unit
s Electrical Characteristics (Ta=25C)
Ratings Parameter Symbol min DC Input Voltage Range VIN Condition VO Condition 5.0 8 IO=1.0A 5.1 VIN=20V, IO=1.0A 72 VIN=20V, IO=1.0A 50 VIN=15 to 25V, IO=1.0A 100 VIN=20V, IO=0.5 to 1.5A 45 f=100 to 120Hz 30 VIN=20V, IO=1.0A 5.2 STR20005 typ max 40 V Unit
Output Voltage
V
Efficiency
Condition VOLINE Condition VOLOAD Condition RREJ Condition f Condition
%
Line Regulation
mV
Load Regulation
mV
Ripple Rejection
dB
Switching Frequency
kHz
12
s Outline Drawing/Terminal Connections (unit: mm)
15.4
3.20.2 (18)
0.3
4.50.2
9.9
0.2
1.60.2
5.00.2
Plastic Mold Package Type Flammability: UL94V-0 Terminal Connections q Output Voltage Adjustment w Output Voltage Detection e Switching Output (backside of case) r Input t Ground Weight: Approx. 8.2 g
3.20.1
5
STR Type
Lot number
3.4max.
23.00.3 (38.0) (43.0)
28.00.3
36
7.00.2
5
0.6 -0.1 2.54
0.1
0.1 0.1
+0.2
(15.0)
1.20.15
2.00.1
5
1.00.1
0.6 -0
+0.2
3.81 3.81
2.54
0.1
(7.62) (12.7) 17.80.3 4.00.1
5
5
Note: Dimensions marked with * are measured at the roots of the leads.
qwert
s Block Diagram
4 Tr1
R1
s Standard External Circuit
3
L=200H
2 R2 R3
VIN DC Input + 1000F
4
3 2 5 1
VR2 VR1
VOUT DC Output Di RU3M + 1000F
MIC1 Start Circuit Reference Voltage
R4 1
GND
GND
C1
R5
5
Use VR1 and VR2 only when adjusting the output voltages. VR1 : Vout down VR2 : Vout up RU3M forward voltage : 0.7V
s Typical Operating Characteristics
Rise Characteristics
10
Ta=25C
Efficiency Characteristics
100 90 80 70 60 50 40 30 20 10 0
Ta=25C
VIN 8V 20V 30V 40V
Ta-PD Characteristics
25
Without Mica With Silicone Grease Heatsink: Aluminum Unit: mm 150x150x2 (3.3C/w)
Power Dissipation PD (W)
Output Voltage VO (V)
8
Efficiency (%)
20 15
100x100x2 (5.2C/w)
6
IO 0A 1A 4 2A
10 5
75x75x2 (7.6C/w)
2 0
Without heatsink
0 2 4 6 8 10 12 14 16 18 20 Input Voltage VIN (V)
0
0.5
1
1.5
2
2.5
0 -20
0
20
40
60
80 100
Output Current IO (A)
Ambient Temperature Ta (C)
13


▲Up To Search▲   

 
Price & Availability of STR20005

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X